PART |
Description |
Maker |
S29GL016A10FAIR10 S29GL016A30FAIR10 S29GL032A10FAI |
64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
|
SPANSION http://
|
AT52BR3228A AT52BR3224A AT52BR3228AT-70CI AT52BR32 |
32-megabit Flash 4-megabit/ 8-megabit SRAM Stack Memory 32兆位闪存4兆位/ 8兆位的SRAM堆栈内存
|
Atmel Corp. Atmel, Corp.
|
S29GL032N90TFI040 S29GL032N90TFI042 S29GL032N90TFI |
64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology
|
SPANSION
|
ACT-F1288N ACT-F1288N-150P7T ACT-F1288N-150P7Q ACT |
High speed 1 Megabit monolithic FLASH. Speed 150ns. High speed 1 Megabit monolithic FLASH. Speed 90ns. High speed 1 Megabit monolithic FLASH. Speed 70ns. ACT-F128K8 High Speed 1 Megabit Monolithic FLASH High speed 1 Megabit monolithic FLASH. Speed 60ns. High speed 1 Megabit monolithic FLASH. Speed 120ns.
|
AEROFLEX[Aeroflex Circuit Technology]
|
AM50DL9608GT75IS AM50DL9608GT75IT AM50DL9608GT70IS |
64 Megabit (4 M x 16-Bit) and 32 Megabit (2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories, and 8 Mbit
|
SPANSION[SPANSION]
|
S29CD016G0JFAA002 S29CD016G0JFAA012 S29CD016G0JFAA |
32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
|
SPANSION[SPANSION]
|
S29GL064N90DFI040 S29GL064N90BFI033 S29GL032N90TFI |
4M X 16 FLASH 3V PROM, 90 ns, PBGA64 9 X 9 MM, LEAD FREE, FBGA-64 4M X 16 FLASH 3V PROM, 90 ns, PBGA48 64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology
|
Spansion, Inc. SPANSION LLC
|
AT49BV001A AT49BV001A-55JI AT49BV001A-55TI AT49BV0 |
128K x 8 (1M bit), 2.7-Volt Read and Write, Top or Bottom Boot Parametric Block Flash. 1-megabit (128K x 8) Single 2.7-volt Battery-Voltage⑩ Flash Memory 1-MEGABIT (128K X 8) SINGLE 2.7-VOLT BATTERY-VOLTAGE⒙ FLASH MEMORY 1-megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory AC 12C 12#12 SKT RECP JT 100C 100#22D SKT RECP AT49BV001A(N)(T) [Updated 9/03. 18 Pages] 128K x 8 (1M bit). 2.7-Volt Read and Write. Top or Bottom Boot Parametric Block Flash. AC 6C 3#16 3#4 SKT RECP Circular Connector; No. of Contacts:55; Series:MS27508; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:22; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle RoHS Compliant: No 1-megabit (128K x 8) Single 2.7-volt Battery-VoltageFlash Memory 1兆位128K的8)单2.7伏电池电压⑩闪存 1-megabit (128K x 8) Single 2.7-volt Battery-VoltageFlash Memory 128K X 8 FLASH 2.7V PROM, 55 ns, PQCC32 1-megabit (128K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
EN71PL032A0-70CWP EN71PL032A01 |
Stacked Multi-Chip Product (MCP) Flash Memory and RAM 32 Megabit (2M x 16-bit) CMOS 3.0 Volt-only Simultaneous Operation Page Mode Flash Memory and 16 Megabit (1M x 16-bit) Pseudo Static RAM
|
Eon Silicon Solution Inc.
|
S29GL032N90FFIV22 S29GL064N11BFI030 S29GL064N11BAI |
64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology 64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology
|
SPANSION http://
|
AT45DB011-JC 45DB011B AT45DB011-XC AT45DB011-XI AT |
1-Megabit 2.7-volt Only Serial DataFlash 1-Megabit 2.7-volt Only Serial DataFlash 1M X 1 FLASH 2.7V PROM, PDSO14 1-Megabit 2.7-volt Only Serial DataFlash 1M X 1 FLASH 2.7V PROM, PQCC32 1-Megabit 2.7-volt Only Serial DataFlash 1M X 1 FLASH 2.7V PROM, PDSO8
|
ATMEL Corporation Atmel Corp. Atmel, Corp. http://
|